PART |
Description |
Maker |
19193-0198 19193-0186 19193-0205 19193-0170 19193- |
191930198 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-58) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (D-356-14T) COPPER ALLOY, RING TERMINAL D-351-38T RING VERSAKRIMP TAPE DBL SPACE COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-358-76) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):8; Stud Size:3/8; Insulator Color:Red; Series:RING VERSAKRIMP (D-352-38) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (F-370-34) COPPER ALLOY, RING TERMINAL 191930151 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-360-56) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-76) COPPER ALLOY, RING TERMINAL 191930254 COPPER ALLOY, RING TERMINAL Insulkrimp RingTongue Terminal, #10 Stud, 8AWG COPPER ALLOY, RING TERMINAL 191930218 COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
19070-0044 19070-0040 19070-0042 19070-0005 19070- |
190700044 0.8 mm2, COPPER ALLOY, WIRE TERMINAL CONN RING TERM #6 18-22AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL TERM,LUG,RING,6,STUD,22-16AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (AA-220-02X) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP TAPED (AA-222-14XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL 190700006 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Series:RING INSULKRIMP TAPED (AA-220-06XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
2SK2194 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
310-021-0002-0000 310-033-1802-0010 310 310-021-00 |
Terminal Block - Screw Type Series
|
DBLECTRO[DB Lectro Inc] DB Lectro, Inc.
|
2SK2196 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2182 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2192 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2673 |
Power MOSFETs / HVX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2666 |
Power MOSFETs / HVX-II Series (Three Terminal Type)
|
Shindengen
|
|